PART |
Description |
Maker |
AM29F200AT-55EC AM29F200AT-55EE AM29F200AT-55EI AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 55 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
AM42DL1614DT45IT AM42DL1614DB45IT AM42DL1614DB35IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位2米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位256亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
DL161 DL163 DL164 AM42DL1644DB30IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
Advanced Micro Devices
|
AM41PDS3224DT10IS AM41PDS3224DT100IS AM41PDS3224DT |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM29F400BB-45EC AM29F400BT-70EC0 AM29F400BT-70ED A |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29LV200BT-55TED AM29LV200BT-55TEE AM29LV200BB-55 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29LV200T-90RFC |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
AM29SL400DT100WAF AM29SL400DB90 AM29SL400DB90WAC A |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
|